Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download KBL02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-MAIL: info@angliac.com
WEB: www.angliac.com
KBL0 SERIES
4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE
50 to 1000 Volts PRV
CURRENT
4.0 Amperes
FEATURES
Plastic material has Underwriters Laboratory flammability classification 94V-0 Low leakage. Surge overload rating - 200 amperes peak. Ideal for printed circuit boards. Exceeds environmental standards of MIL - STD - 19500.
+ ~ ~ 16.4 15.2
19.0 min
O 1.3
5.6 4.6 6.5 6.0 19.6 18.5
MECHANICAL DATA
Case : : : Terminals : : Polarity : Weight : Reliable low cost construction utilizing moulded plastic technique results in inexpensive product. Leads, solderable per MIL - STD - 202, Method 208. Polarity symbols printed on body. 0.2 ounce, 5.6 grams.
2.1
Dimensions in millimetres
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.For capacitive load, derate current by 20%.
KBL005 Maximum Recurrent Peak Reverse Voltage Maximum Bridge Input Voltage RMS Maximum DC Blocking Voltage VRRM VRMS VDC 50 35 50 KBL01 100 70 100 KBL02 200 140 200 KBL04 400 280 400 4.0 200 1.0 10.0 1.0 - 55 to + 125 - 55 to + 150 KBL06 600 420 600 KBL08 800 560 800 KBL10 1000 700 1000 V V V A A V A mA C C
Maximum Average Forward Current at IF(AV) (see Fig 2) TA = 50 C Peak Forward Surge Current, 8.3 ms single IFSM half sine - wave superimposed on rated load (see Fig 1) Maximum Forward Voltage Drop per Element at 3.0A Maximum Reverse Current at Rated DC Blocking Voltage per Element (see Fig 4) Operating Temperature Range Storage Temperature Range (see Fig 3) TA = 25C TC = 100C VF IR TJ TSTG
Reformatted by Anglia 9851
E-MAIL: info@angliac.com
WEB: www.angliac.com
RATING AND CHARACTERISTIC CURVES KBL0 SERIES
FIG 1 : MAXIMUM NON-REPETITIVE SURGE CURRENT PER ELEMENT
250 PEAK FORWARD SURGE CURRENT, AMPERES 8.3ms Single Half Sine Wave TJ =125C AVERAGE FORWARD OUTPUT CURRENT, AMPERES
FIG 2 : DERATING CURVE FOR RECTIFIED OUTPUT CURRENT
5.0
200
4.0
Resistive or Inductive Load
150 100
3.0
2.0
50
1.0
0 1 10 NUMBER OF CYCLES AT 60Hz 100 0 0 50 100 150 AMBIENT TEMPERATURE C
FIG 3 : TYPICAL FORWARD CHARACTERISTICS PER ELEMENT
100 TJ = 25C Pulse Width = 300s
FIG 4 : TYPICAL REVERSE CHARACTERISTICS PER ELEMENT
500 TA = 125C INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 100
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
10
1
1.0
0.1 0.1 0.6 0.8 1.0 1.2 1.4 1.6 .01 0 20 40 60
TA = 25C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
Reformatted by Anglia 9851


▲Up To Search▲   

 
Price & Availability of KBL02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X